Part Number Hot Search : 
02001 037N0059 BLC6G22L MP15P MTP6N10 MP15P SMCJ110 SI104
Product Description
Full Text Search
 

To Download TND020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN6040A
ExPD (Excellent Power Device)
TND020F, TND020MP
Lamp-, solenoid-, and motor-driving Applications
Features
* N-channel MOSFET built in. * Overheat protection. * Overcurrent protection. * Overvoltage protection.
Package Dimensions
Unit:mm 2154
[TND020F]
10.5 1.9 4.5
1.2
Package Dimensions
Unit:mm 2145
[TND020MP]
2.6 1.4
6.0 5.0 4.7
1.0
8.5
0.5 0.6
7.5
0.5 1 2 3
0.5
14.0
1.6
0.5
6.0
1.2
3.0
8.5
0.5
2.5
2.5
1 : GND 2 : OUT 3 : IN SANYO : FLP
123
1.45
1.45
1 : GND 2 : OUT 3 : IN SANYO : MP
Absolute Maximum Ratings at Ta = 25C
Parameter Drain-to-Source Voltage Output Current (Average) Input Voltage Allowable Power Dissipation Operating Temperature Junction Temperature Storage Temperature Symbol VDS(DC) IO(DC) IO(DC) VIN PD PD Topr Tj Tstg TND020F TND020MP TND020F TND020MP Conditions Ratings 60 2.25 2.0 -0.3 to +10 1.5 1.0 -40 to +150 150 -55 to +150 Unit V A A V W W
C C C
Electrical Characteristics at Ta = 25C
Parameter Drain-to-Source Clamp Voltage Output-OFF Current Input Threshold Voltage Drain-to-Source ON Resistance Symbol VDS clamp VIN=0, IDSS(1) VIN=0, IDSS(2) VIN=0, VIN(th) RDS(on) IO=1mA VDS=50V Conditions Ratings min 60 100 10 1.0 2.5 0.2 typ max Unit V A A V
VDS=12V VDS=5V, IO=1mA VIN=5V, IO=1A
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12501TS TA-3184/51099TS (KOTO) TA-1735, 1746 No.6040-1/4
TND020F, 020MP
Continued from preceding page.
Parameter Output-ON Input current Overheat Detecting Temperature Overcurrent Detecting Current Input Clamp Voltage Symbol IIN Tj(sd) Is VIN clamp VIN=5V VIN=5V, IO=1A VIN=5V IIN=5mA 155 2.25 10 Conditions Ratings min typ 0.25 165 3 3.75 max 0.6 Unit mA C A V
*Note: 1.Shutdown state will be kept after overheat and overcurrent protections operation and the system will be reset when the input voltage goes to or below the reset voltage (1.0V). 2.Overheat detecting temperature value is not a guarantee value but for reference only.
Block Diagram
OUT
Overcurrent protection
Overvoltage protection
IN
Gate shutdown
ESD protection
Overheat protection
Latch
GND
Drain-to-Source ON Resistance, RDS (on) -
IO=1A
Drain-to-Source ON Resistance, RDS (on) -
0.3
RDS(on) - Ta
0.3
RDS(on) - VIN
IO=1A
0.25
0.25
0.2
5V
VIN = 4V
6V
0.2
Ta=85C
0.15
0.15
25C -40C
0.1
0.1
0.05
0.05
0 -50
-25
0
25
50
75
100
125
150
0 0
1
2
3
4
5
6
7
8
9
10
Ambient Temperature, Ta - C
0.6
Input Voltage, VIN - V VIN=5V
1.0 0.9
I IN - Ta
I IN - VIN
Ta=25C
0.5
0.8
Input Current, I IN - mA
Input Current, I IN - mA
0.7 0.6 0.5 0.4 0.3 0.2 0.1
0.4
Protectio
n operatio
n
0.3
0.2
Normal
operatio
n
0.1
0 -50
0 -25 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 8 9 10 11
Ambient Temperature, Ta - C
Input Voltage, VIN - V
No.6040-2/4
TND020F, 020MP
I s - Ta
5.0 5.0
I s - VIN
Ta=25C
Overcurrent Detecting Current, Is - A
Overcurrent Detecting Current, Is - A
100 125 150
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 0 25 50 75
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 2 3 4 5 6 7 8 9 10 11
5V
VIN
=6V
4V
Ambient Temperature, Ta - C
80 70
Input Voltage, VIN - V
2.5
VDS,clamp - Ta
Threshold Voltage, VIN(th) - V
VIN(th) - Ta
VDS =5V IO=1mA
Clamp Voltage, VDS clamp - V
2.0
60 50 40 30 20 10
1.5
1.0
0.5
0 -50
VIN=0 IO=1mA
-25 0 25 50 75 100 125 150
0 -50
-25
0
25
50
75
100
125
150
Ambient Temperature, Ta - C
200
Ambient Temperature, Ta - C
2.0
Tj(sd) - VIN
Allowable Power Dissipation, PD - W
PD - Ta
TND020F
Overheat Detecting Temperature, Tj(sd) - C
190
1.5
180
170
1.0
160
0.5
150
140
0
1
2
3
4
5
6
7
8
9
10
11
0 -40
-20
0
20
40
60
80
100
120
140
160
Input Voltage, VIN - V
1.2
Ambient Temperature, Ta - C
PD - Ta
TND020MP
Allowable Power Dissipation, PD - W
1.0
0.8
0.6
0.4
0.2
0 -40
-20
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
No.6040-3/4
TND020F, 020MP
Sample Application Circuit
AC24V
Another Sample Application Circuit (solenoid drive)
AC24V
AC100V
AC100V
Lamp
Solenoid OUT
OUT IN
TND020F/TND020MP Microcontroller
5V
TND020F/TND020MP
IN
Microcontroller
5V
GND
GND
Operation Description
1.The output power MOSFET will be turned on when the input voltage exceeds the input threshold voltage (5V is recommended), and then the lamp will be turned on by the current flowing to the lamp.Conversely, the output power MOSFET will be turned off when the input voltage goes below the input threshold voltage, and then the lamp will be turned off. 2.The internal overcurrent protection function shuts down the output power MOSFET when output current of at least the overcurrent detecting current value flows at load short. Besides, if the device temperature exceeds the allowable power dissipation, overheat protection function protects the power switch from being broken down by shutting down the MOSFET when Tj comes to 165C (typical). 3.Shutdown state will be kept after overheat and overcurrent protections operation and the system will be reset when the input voltage goes to or below the reset voltage (1.0V). 4.As an example of application circuit, DC voltage can also be controlled as a solenoid drive.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of January, 2001. Specifications and information herein are subject to change without notice.
PS No.6040-4/4


▲Up To Search▲   

 
Price & Availability of TND020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X